Part Number Hot Search : 
AN523 BCWL120 NTE5910 24800 C1408 CN25J BC337 T100A
Product Description
Full Text Search
 

To Download F8203 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  saw bandpass filter F8203 part no. F8203 rev. date 2009-08-17 i t f co., ltd. 102-901, bucheon technopark 364, samjeong-dong, ojeong-gu, bucheon-city, gyounggi-do, korea 421-809 rev. nc9011-as01 1/7 4 5 6 1 23 1 23 65 4 features  rf bandpass filter for 2g repeater  usable bandwidth 15mhz  no matching single-ended operation  ceramic surface mounted device package ( 3.0 mm 3.0 mm )  rohs compliant package dimension dimensions shown are nominal in millimeters body : al 2 o 3 ceramic lid : kovar, ni plated terminations : au plating 0.3 ~ 1.0 um, over a 1.27 ~ 8.89 um ni plating maximum ratings parameters unit minimum typical maximum operating temperature range -30 25 85 storage temperature range -40 - 85 power handling capability dbm - - 10 electrostatics sensitive device ( esd ) pin configurations 2 input 5 output 1, 3, 4, 6 case ground i 8203
saw bandpass filter F8203 part no. F8203 rev. date 2009-08-17 i t f co., ltd. 102-901, bucheon technopark 364, samjeong-dong, ojeong-gu, bucheon-city, gyounggi-do, korea 421-809 rev. nc9011-as01 2/7 specifications fo = 827.5 mhz notes : 1) all specifications are based on the matching schema tic shown below 2) all specifications are measured by agilent network analyzer and full 2 port calibration at room temper ature 3) all attenuation measurements are measured relative to insertion loss minimum typical maximum unit center frequency ( fc ) - 827.5 - mhz insertion loss (in fc 7.5 mhz) - 2.7 3.5 db amplitude ripple (in fc 7.5 mhz) - 0.7 1.5 db vswr (in fc 7.5 mhz) - 1.5 2.0 relative attenuation 10.0mhz ~ 780.0mhz 865.0mhz ~ 880.0mhz 880.0mhz ~ 920.0mhz 920.0mhz ~ 1220.0mhz 40 25 35 40 45 32 40 45 - - - - db input/output impedance 50 ohm
saw bandpass filter F8203 part no. F8203 rev. date 2009-08-17 i t f co., ltd. 102-901, bucheon technopark 364, samjeong-dong, ojeong-gu, bucheon-city, gyounggi-do, korea 421-809 rev. nc9011-as01 3/7 input 50 output 50 matching schematic ( actual matching values may vary due to pcb layout and parasitics ) marking configuration 1) i 2) 8203 3) 1) pad number 1 index 2) manufacturer name 3) marking number * ink or laser marking available
saw bandpass filter F8203 part no. F8203 rev. date 2009-08-17 i t f co., ltd. 102-901, bucheon technopark 364, samjeong-dong, ojeong-gu, bucheon-city, gyounggi-do, korea 421-809 rev. nc9011-as01 4/7 typical performance ( at +25 )
saw bandpass filter F8203 part no. F8203 rev. date 2009-08-17 i t f co., ltd. 102-901, bucheon technopark 364, samjeong-dong, ojeong-gu, bucheon-city, gyounggi-do, korea 421-809 rev. nc9011-as01 5/7
saw bandpass filter F8203 part no. F8203 rev. date 2009-08-17 i t f co., ltd. 102-901, bucheon technopark 364, samjeong-dong, ojeong-gu, bucheon-city, gyounggi-do, korea 421-809 rev. nc9011-as01 6/7 packing specification 1. reeling quantity : 3000 pcs / 13 reel ( or 1000 pc s / 7 reel ) 2. taping structure : the tape shall be wound around t he reel in the direction shown below. tape specification 1. leader part and vacant position specification 2. tensile strength of carrier tape 4.4n/mm width 3. top cover tape adhesion 1) pull off angle : 0~15 2) speed : 300mm/min 3) force : 20~70g reel reel reel reel top cover tape top cover tape top cover tape top cover tape carrier tape carrier tape carrier tape carrier tape end end end end start start start start tape running direction vacant 150mm min. component contained vacant 150mm min. leader part 250mm min. 0~15 degree top cover tape direction of pull carrier tape
saw bandpass filter F8203 part no. F8203 rev. date 2009-08-17 i t f co., ltd. 102-901, bucheon technopark 364, samjeong-dong, ojeong-gu, bucheon-city, gyounggi-do, korea 421-809 rev. nc9011-as01 7/7 carrier tape dimensions [unit : mm] part direction reel dimensions [unit : mm] a 3.40 0.1 b 3.40 0.1 c 7.25 0.1 d 1.70 0.1 e 12.00 0.1 f 8.00 0.1 tape running direction


▲Up To Search▲   

 
Price & Availability of F8203

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X